PART |
Description |
Maker |
DC579A |
LTC2600 Evaluation Kit
|
Linear Technology
|
74VHCT245ASJ 74VHCT245A 74VHCT245AM 74VHCT245AMTC |
Octal D-Type Flip-Flops With Clear 20-PDIP -40 to 85 AHCT/VHCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 Octal Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ABT2240CMSA 74ABT2240CMTC 74ABT2240CSC 74ABT2240 |
Dual 4-Bit Inverting Buffer/Driver ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers From old datasheet system Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74F545 74F545SC 74F545PC 74F545SCX |
Single 8-bit Bus Transceiver F/FAST SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 From old datasheet system Octal Bidirectional Transceiver with 3-STATE Outputs Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AD8801 AD8803 |
Octal 8-Bit TrimDAC with Power Shutdown(带电源关断八位微调D/A转换 Octal 8-Bit TrimDAC with Power Shutdown(带电源关断的八路8位微调D/A转换 八进位功耗关TrimDAC(带电源关断的八位微调的D / A转换器)
|
Analog Devices, Inc.
|
LTC2324 LTC2320 |
Quad/Octal 16-Bit/14-Bit/12-Bit, 5Msps/2Msps/1.5Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
LTC2636CMS-LZ10 LTC2636HMS-LZ10 LTC2636IDE-LZ10 LT |
8-BIT DAC, PDSO14 Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/°C Reference Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/掳C Reference Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/隆?C Reference
|
LINEAR TECHNOLOGY CORP http://
|
N74F646AD N74F646AN N74F646D N74F646N N74F648AD N7 |
16-Bit Ultra-Low-Power Microcontroller, 24kB Flash, 1024B RAM, 12-Bit ADC, USART, 160 Segment LCD 80-LQFP -40 to 85 16-Bit Ultra-Low-Power Microcontroller, 24kB Flash, 1024B RAM, 12-Bit ADC, USART, 160 Segment LCD 100-LQFP -40 to 85 Octal transceiver/register, non-inverting(3-State)(八收发器/寄存器,(同相,三态)) Octal transceiver/register / non-inverting 3-State Octal transceiver/register non-inverting 3-State Octal transceiver/register, non-inverting 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74ACTQ245 74ACQ245 74ACTQ245MSAX 74ACQ245CW 74ACTQ |
Quiet Series Octal Bidirectional Transceiver with 3-STATE Outputs From old datasheet system Quiet Series???? Octal Bidirectional Transceiver Quiet Series???? Octal Buffer/Line Driver Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs Single 8-bit Bus Transceiver
|
Fairchild Semiconductor
|